PART |
Description |
Maker |
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
CPR1-120LEADFREE CPR1-080LEADFREE CPR1-100LEADFREE |
1 A, 1200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 1000 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE GPR-1A, 2 PIN
|
Central Semiconductor, Corp.
|
2954798 |
EMG 45-DIO 8E/LP
|
PHOENIX CONTACT
|
2950048 |
EMG 22-DIO 4E
|
PHOENIX CONTACT
|
BAT54S-V BAT54-V BAT54A-V BAT54-V10 BAT54C-V BAT54 |
Small Signal Schottky Diodes, Single and Dual 0.2 A, 30 V, SILICON, SIGNAL DIODE 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
GP10YHE3/73 GP10YHE3/54 GP10W-E3/54 GP10VHE3/73 |
1 A, 1600 V, SILICON, SIGNAL DIODE, DO-204AL ROHS COMPLIANT, PLASTIC, DO-41, 2 PIN 1 A, 1500 V, SILICON, SIGNAL DIODE, DO-204AL 1 A, 1400 V, SILICON, SIGNAL DIODE, DO-204AL
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
1N3647 1N5182 1N4257 1N3643 1N4254 JANTXV1N3647 1N |
HIGH VOLTAGE RECTIFIERS 0.25 A, SILICON, SIGNAL DIODE CAP 1.0PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR 0.25 A, SILICON, SIGNAL DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
PRS07 PRS07J PRS07D PRS07G PRS07G115 PRS07J115 PRS |
0.6 A, 200 V, SILICON, SIGNAL DIODE 0.6 A, 600 V, SILICON, SIGNAL DIODE HERMETIC SEALED, GLASS PACKAGE-2 0.6 A, 400 V, SILICON, SIGNAL DIODE HERMETIC SEALED, GLASS PACKAGE-2 Fast soft-recovery rectifiers
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
JANTXSM225UF-A JANSAL225UF-A JANSM200UF-A JANSAL20 |
1 A, SILICON, SIGNAL DIODE MELF-A, 2PIN 1 A, SILICON, SIGNAL DIODE HERMETIC PACKAGE, 2 PIN
|
Sensitron Semiconductor
|
|